PART |
Description |
Maker |
AQB1A2-ZT3/6VDC AQB1A1-ZT3/6VDC AQB1A2-ZT10/18VDC |
TRIGGER OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 43 X 9 MM, 24 MM HEIGHT, ROHS COMPLIANT PACKAGE-4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Panasonic, Corp.
|
4D2450 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
SF30DPS-H1-4 SF30DPS-H1-6 SF30DPS-M1-5 SF12DPS-H1- |
TRIGGER OUTPUT SOLID STATE RELAY
|
|
E3PT48A12 E3PT48A50 E3PT48A50H E3PT48D12 E3PT48D50 |
TRIGGER OUTPUT SOLID STATE RELAY Three-Phase Output to 50A 520 Vac Touch-Proof, AC or DC Control
|
Teledyne Technologies Incorporated
|
4A1210F-10 4A1210EH-10 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
CRYDOMCORP-D53DP50D A53DP50DPH |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
G3R-IAZR1SN G3R-OD201SN G3R-ODX02SN-DC5-24 G3R-OA2 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Omron Electronics LLC Omron Electronics, LLC
|
P111-B253-S001 P111-B253-S301 |
TRIGGER OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Vishay Intertechnology, Inc. ITT, Corp.
|
ISRT44080 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
ISOCOM COMPONENTS LTD
|
MP240D4-MS11 |
TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX PLASTIC PACKAGE-4
|
Crydom, Inc.
|
NTD2425-10 NTD2425F NTD2425F-10 NTD2410-10 |
TRIGGER OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX PLASTIC PACKAGE-4
|
Crydom, Inc. CRYDOM CORP
|
MCSS2450EM MCSP2450EM MCSP2425EM MCSS2425EM MCSS48 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-4
|
Crydom, Inc. CRYDOM CORP
|